|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
32K X24321 400 KHz 2-Wire Serial E2PROM 4K x 8 Bit FEATURES * * * * * * * * * * 1.8V to 3.6V, 2.5V to 5.5V and 4.5V to 5.5V Power Supply Operation Low Power CMOS --Active Read Current Less Than 1mA --Active Write Current Less Than 3mA --Standby Current Less Than 1A 400KHz Fast Mode 2-Wire Serial Interface --Down to 1.8V --Schmitt Trigger Input Noise Suppression --Output Slope Control for Ground Bounce Noise Elimination Internally Organized 4K x 8 Bit 32 Byte Page Write Mode --Minimizes Total Write Time Per Byte Hardware Write Protect Bidirectional Data Transfer Protocol Self-Timed Write Cycle --Typical Write Cycle Time of 5ms High Reliability --Endurance: 1,000,000 Cycles --Data Retention: 100 Years 8-Lead SOIC DESCRIPTION The X24321 is a CMOS Serial E2PROM Memory, internally organized 4K x 8. The device features a serial interface and software protocol allowing operation on a simple two wire bus. The bus operates at 400KHz all the way down to 1.8V. Three device select inputs (S0-S2) allow up to eight devices to share a common two wire bus. Hardware Write Protection is provided through a Write Protect (WP) input pin on the X24321. When the WP pin is HIGH, the upper quadrant of the Serial E2PROM array is protected against any nonvolatile write attempts. Xicor Serial E2PROM Memories are designed and tested for applications requiring extended endurance. Inherent data retention is greater than 100 years. FUNCTIONAL DIAGRAM SERIAL E2PROM DATA AND ADDRESS (SDA) DATA REGISTER Y DECODE LOGIC COMMAND DECODE AND CONTROL LOGIC SCL PAGE DECODE LOGIC S2 S1 S0 DEVICE SELECT LOGIC WRITE PROTECT LOGIC E2PROM ARRAY 4K x 8 WP WRITE VOLTAGE CONTROL 7040 FM 01 (c)Xicor, 1995, 1996 Patents Pending 7040 3/27/97 T0/C0/D0 SH 1 Characteristics subject to change without notice X24321 PIN DESCRIPTIONS Serial Clock (SCL) The SCL input is used to clock all data into and out of the device. Serial Data (SDA) SDA is a bidirectional pin used to transfer data into and out of the device. It is an open drain output and may be wire-ORed with any number of open drain or open collector outputs. An open drain output requires the use of a pull-up resistor. For selecting typical values, refer to the Pullup resistor selection graph at the end of this data sheet. Device Select (S0, S1, S2) The device select inputs (S0, S1, S2) are used to set the first three bits of the 8-bit slave address. This allows up to eight devices to share a common bus. These inputs can be static or actively driven. If used statically they must be tied to VSS or VCC as appropriate. If actively driven, they must be driven with CMOS levels. Write Protect (WP) The Write Protect input controls the Hardware Write Protect feature. When held LOW, Hardware Write Protection is disabled and the device can be written normally. When this input is held HIGH, Write Protection is enabled, and nonvolatile writes are disabled to the upper quadrant of the E2PROM array. PIN NAMES Symbol S0, S1, S2 SDA SCL WP VSS VCC Description Device Select Inputs Serial Data Serial Clock Write Protect Ground Supply Voltage 7040 FRM T01 PIN CONFIGURATION 8-LEAD SOIC S0 S1 S2 VSS 1 2 3 4 X24321 8 7 6 5 VCC WP SCL SDA 7040 FM 02 2 X24321 DEVICE OPERATION The device supports a bidirectional, bus oriented protocol. The protocol defines any device that sends data onto the bus as a transmitter, and the receiving device as the receiver. The device controlling the transfer is a master and the device being controlled is the slave. The master will always initiate data transfers, and provide the clock for both transmit and receive operations. Therefore, the device will be considered a slave in all applications. Clock and Data Conventions Data states on the SDA line can change only during SCL LOW. SDA state changes during SCL HIGH are reserved for indicating start and stop conditions. Refer to Figures 1 and 2. Start Condition All commands are preceded by the start condition, which is a HIGH to LOW transition of SDA when SCL is HIGH. The device continuously monitors the SDA and SCL lines for the start condition and will not respond to any command until this condition has been met. Figure 1. Data Validity SCL SDA DATA STABLE DATA CHANGE 7040 FM 03 Figure 2. Definition of Start and Stop SCL SDA START BIT STOP BIT 7040 FM 04 3 X24321 Stop Condition All communications must be terminated by a stop condition, which is a LOW to HIGH transition of SDA when SCL is HIGH. The stop condition is also used to place the device into the standby power mode after a read sequence. A stop condition can only be issued after the transmitting device has released the bus. Acknowledge Acknowledge is a software convention used to indicate successful data transfer. The transmitting device, either master or slave, will release the bus after transmitting eight bits. During the ninth clock cycle the receiver will pull the SDA line LOW to acknowledge that it received the eight bits of data. Refer to Figure 3. Figure 3. Acknowledge Response From Receiver The device will respond with an acknowledge after recognition of a start condition and its slave address. If both the device and a Write Operation have been selected, the device will respond with an acknowledge after the receipt of each subsequent byte. In the read mode the device will transmit eight bits of data, release the SDA line and monitor the line for an acknowledge. If an acknowledge is detected and no stop condition is generated by the master, the device will continue to transmit data. If an acknowledge is not detected, the device will terminate further data transmissions. The master must then issue a stop condition to return the device to the standby power mode and place the device into a known state. SCL FROM MASTER 1 8 9 DATA OUTPUT FROM TRANSMITTER DATA OUTPUT FROM RECEIVER START ACKNOWLEDGE 7040 FM 05 4 X24321 DEVICE ADDRESSING Following a start condition, the master must output the address of the slave it is accessing. The first four bits of the Slave Address Byte are the device type identifier bits. These must equal "1010". The next 3 bits are the device select bits S0, S1, and S2. This allows up to 8 devices to share a single bus. These bits are compared to the S0, S1, and S2 device select input pins. The last bit of the Slave Address Byte defines the operation to be performed. When the R/W bit is a one, then a Read Operation is selected. When it is zero then a Write Operation is selected. Refer to figure 4. After loading the Slave Address Byte from the SDA bus, the device compares the device type bits with the value "1010" and the device select bits with the status Figure 4. Device Addressing DEVICE TYPE IDENTIFIER DEVICE SELECT of the device select input pins. If the compare is not successful, no acknowledge is output during the ninth clock cycle and the device returns to the standby mode. The byte address is either supplied by the master or obtained from an internal counter, depending on the operation. When required, the master must supply the two Address Bytes as shown in figure 4. The internal organization of the E2PROM array is 128 pages by 32 bytes per page. The page address is partially contained in the Address Byte 1 and partially in bits 7 through 5 of the Address Byte 0. The specific byte address is contained in bits 4 through 0 of the Address Byte 0. Refer to figure 4. 1 0 1 0 S2 S1 S0 R/ W SLAVE ADDRESS BYTE HIGH ORDER ADDRESS 0 0 0 A0 A11 A10 A9 A8 ADDRESS BYTE 1 LOW ORDER ADDRESS A7 A6 A5 A4 A3 A2 A1 A0 ADDRESS BYTE 0 D7 D6 D5 D4 D3 D2 D1 D0 DA BYTE TA 7040 FM 06 5 X24321 WRITE OPERATIONS Byte Write For a Byte Write Operation, the device requires the Slave Address Byte, the Word Address Byte 1, and the Word Address Byte 0, which gives the master access to any one of the bytes in the array. Upon receipt of the Word Address Byte 0, the device responds with an acknowledge, and waits for the first eight bits of data. After receiving the 8 bits of the data byte, the device again responds with an acknowledge. The master then terminates the transfer by generating a stop condition, at which time the device begins the internal write cycle to the nonvolatile memory. While the internal write cycle is in progress the device inputs are disabled and the device will not respond to any requests from the master. The SDA pin is at high impedance. See figure 4. Page Write Operation The device executes a thirty-two byte Page Write Operation. For a Page Write Operation, the device requires the Slave Address Byte, Address Byte 1, and Address Byte 0. Address Byte 0 must contain the first byte of the page to be written. Upon receipt of Address Byte 0, the device responds with an acknowledge, and waits for the first eight bits of data. After receiving the 8 bits of the first data byte, the device again responds with an acknowledge. The device will respond with an acknowledge after the receipt of each of 31 more bytes. Each time the byte address is internally incremented by one, while page address remains constant. When the counter reaches the end of the page, the master terminates the data loading by issuing a stop condition, which causes the device to begin the nonvolatile write cycle. All inputs are disabled until completion of the nonvolatile write cycle. The SDA pin is at high impedance. Refer to figure 5 for the address, acknowledge, and data transfer sequence. Figure 4. Byte Write Sequence SIGNALS FROM THE MASTER SDA BUS SIGNALS FROM THE SLAVE S T A R T SLAVE ADDRESS 0 WORD ADDRESS WORD ADDRESS BYTE 1 BYTE 0 DATA S T O P P S1 0 1 0 A C K A C K A C K A C K 7040 FM 07 Figure 5. Page Write Sequence S SIGNALS SIGNALS T FROM THE THEA FROM MASTER MASTER R T S SLAVE T SLAVE ADDRESS A ADDRESS R T 0 A C K ADDRESS ADDRESS WORD ADDRESS WORD ADDRESS DATA BYTE BYTE 1 1 BYTE 0 (1) DATA BYTE 0 DATA S T(32) O P P S T O P P A C K SDA BUS BUS S 1 0 1 0 0 1 0 0 SDA S1 SIGNALS SIGNALS FROM THE THE FROM SLAVE SLAVE A C K A C K A C K A C K A C K A C K A C K 7040 FM 07 ILL F08.1 7012 6 X24321 Acknowledge Polling The maximum write cycle time can be significantly reduced using Acknowledge Polling. To initiate Acknowledge Polling, the master issues a start condition followed by the Slave Address Byte for a write or read operation. If the device is still busy with the nonvolatile write cycle, then no ACK will be returned. If the device has completed the nonvolatile write operation, an ACK will be returned and the host can then proceed with the read or write operation. Refer to figure 6. Figure 6. Acknowledge Polling Sequence READ OPERATIONS Read operations are initiated in the same manner as write operations with the exception that the R/W bit of the Slave Address Byte is set to one. There are three basic read operations: Current Address Reads, Random Reads, and Sequential Reads. Current Address Read Internally, the device contains an address counter that maintains the address of the last byte read or written, incremented by one. After a read operation from the last address in the array, the counter will "roll over" to the first address in the array. After a write operation to the last address in a given page, the counter will "roll over" to the first address of the same page. Upon receipt of the Slave Address Byte with the R/W bit set to one, the device issues an acknowledge and then transmits the byte at the current address. The master terminates the read operation when it does not respond with an acknowledge during the ninth clock and then issues a stop condition. Refer to figure 7 for the address, acknowledge, and data transfer sequence. ISSUE STOP BYTE LOAD COMPLETED BY ISSUING STOP. ENTER ACK POLLING ISSUE START ISSUE SLAVE ADDRESS BYTE (READ OR PROGRAM) It should be noted that the ninth clock cycle of the read operation is not a "don't care." To terminate a read operation, the master must either issue a stop condition during the ninth cycle or hold SDA HIGH during the ninth clock cycle and then issue a stop condition. ACK RETURNED? YES NO Figure 7. Current Address Read Sequence SIGNALS FROM THE MASTER SDA BUS SIGNALS FROM THE SLAVE ISSUE STOP S T A R T NONVOLATILE WRITE CYCLE COMPLETE. CONTINUE SEQUENCE? YES CONTINUE NORMAL READ OR PROGRAM COMMAND SEQUENCE NO SLAVE ADDRESS 1 A C K DATA S T O P P S1010 7040 FM 10 PROCEED 7040 FM 09 7 X24321 Random Read Random read operation allows the master to access any memory location in the array. Prior to issuing the Slave Address Byte with the R/W bit set to one, the master must first perform a "Dummy" write operation. The master issues the start condition and the Slave Address Byte with the R/W bit low, receives an acknowledge, then issues Address Byte 1, receives another acknowledge, then issues Address Byte 0 containing the address of the byte to be read. After the device acknowledges receipt of Address Byte 0, the master issues another start condition and the Slave Address Byte with the R/W bit set to one. This is followed by an acknowledge and then eight bits of data from the device. The master terminates the read operation by not responding with an acknowledge and then issuing a stop condition. Refer to figure 8 for the address, acknowledge, and data transfer sequence. The device will perform a similar operation called "Set Current Address" if a stop is issued instead of the second start shown in figure 9. The device will go into standby mode after the stop and all bus activity will be ignored until a start is detected. The effect of this operation is that the new address is loaded into the address counter, but no data is output by the device. Figure 8. Random Read Sequence S T A R T S T A R T S A C K A C K A C K The next Current Address Read operation will read from the newly loaded address. Sequential Read Sequential reads can be initiated as either a current address read or random read. The first byte is transmitted as with the other modes; however, the master now responds with an acknowledge, indicating it requires additional data. The device continues to output data for each acknowledge received. The master terminates the read operation by not responding with an acknowledge and then issuing a stop condition. The data output is sequential, with the data from address n followed by the data from address n + 1. The address counter for read operations increments through all byte addresses, allowing the entire memory contents to be read during one operation. At the end of the address space the counter "rolls over" to address 0000h and the device continues to output data for each acknowledge received. Refer to figure 9 for the acknowledge and data transfer sequence. SIGNALS FROM THE MASTER SDA BUS SIGNALS FROM THE SLAVE SLAVE ADDRESS ADDRESS BYTE 1 ADDRESS BYTE 0 SLAVE ADDRESS 1 A C K S T O P P S1010 0 DATA 7040 FM 11 Figure 9. Sequential Read Sequence SIGNALS FROM THE MASTER SDA BUS SIGNALS FROM THE SLAVE SLAVE ADDRESS S 1 A C K A C K A C K A C K S T O P P DATA (1) DATA (2) DATA (n-1) DATA (n) 7040 FM 12 8 X24321 ABSOLUTE MAXIMUM RATINGS* Temperature under Bias X24321.......................................-65C to +135C Storage Temperature ........................-65C to +150C Voltage on any Pin with Respect to VSS .................................... -1V to +7V D.C. Output Current ..............................................5mA Lead Temperature (Soldering, 10 seconds) .............................. 300C RECOMMENDED OPERATING CONDITIONS Temperature Commercial Industrial *COMMENT Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and the functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Supply Voltage X24321 X24321-2.5 X24321-1.8 Limits 4.5V to 5.5V 2.5V to 5.5V 1.8V to 3.6V 7040 FRM T05 Min. 0C -40C Max. +70C +85C 7040 FRM T04 D.C. OPERATING CHARACTERISTICS Limits Symbol ICC1 ICC2 ISB1(1) Parameter VCC Supply Current (Read) VCC Supply Current (Write) VCC Standby Current Min. Max. 1 3 3 Units mA mA A Test Conditions SCL = VCC X 0.1/VCC X 0.9 Levels @ 400KHz, SDA = Open, All Other Inputs = VSS or VCC - 0.3V SCL = SDA = VCC - 0.3V, All Other Inputs = VSS or VCC - 0.3V, VCC = 5V 10% SCL = SDA = VCC - 0.1V, All Other Inputs = VSS or VCC - 0.1V, VCC = 1.8V VIN = VSS to VCC VOUT = VSS to VCC ISB2(1) VCC Standby Current 1 A ILI ILO VlL(2) VIH(2) VOL Vhys(3) Input Leakage Current Output Leakage Current Input LOW Voltage Input HIGH Voltage Output LOW Voltage Hysteresis of Schmitt Trigger Inputs VCC x 0.05 -0.5 VCC x 0.7 10 10 VCC x 0.3 VCC + 0.5 0.4 A A V V V V IOL = 3mA 7040 FRM T06.1 CAPACITANCE TA = +25C, f = 1MHz, VCC = 5V Symbol CI/O(3) CIN(3) Parameter Input/Output Capacitance (SDA) Input Capacitance (S0, S1, S2, SCL,WP) Max. 8 6 Units pF pF Test Conditions VI/O = 0V VIN = 0V 7040 FRM T07 Notes: (1) Must perform a stop command prior to measurement. (2) VIL min. and VIH max. are for reference only and are not 100% tested. (3) This parameter is periodically sampled and not 100% tested. 9 X24321 A.C. CONDITIONS OF TEST Input Pulse Levels Input Rise and Fall Times Input and Output Timing Levels VCC x 0.1 to VCC x 0.9 10ns VCC X 0.5 7040 FRM T08 EQUIVALENT A.C. LOAD CIRCUIT 5V 1.53K OUTPUT 100pF 7040 FM 13 A.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.) Read & Program Cycle Limits Symbol fSCL TI tAA(6) tBUF tHD:STA tLOW tHIGH tSU:STA tHD:DAT tSU:DAT tR tF tSU:STO tDH tOF Parameter SCL Clock Frequency Noise Suppression Time Constant at SCL, SDA Inputs SCL LOW to SDA Data Out Valid Time the Bus Must Be Free Before a New Transmission Can Start Start Condition Hold Time Clock LOW Period Clock HIGH Period Start Condition Setup Time (for a Repeated Start Condition) Data In Hold Time Data In Setup Time SDA and SCL Rise Time SDA and SCL Fall Time Stop Condition Setup Time Data Out Hold Time Output Fall Time Min. 0 50 0.1 1.2 0.6 1.2 0.6 0.6 0 100 20+0.1XCb(5) 20+0.1XCb(5) Max. 400 Units KHz ns 0.9 s s s s s s s ns 300 300 ns ns s ns 0.6 50 20 + 0.1Cb(5) 250 ns 7040 FRM T09 POWER-UP TIMING(4) Symbol tPUR tPUW Notes: (4) Parameter Power-up to Read Operation Power-up to Write Operation Max. 1 5 Units ms ms 7040 FRM T10 tPUR and tPUW are the delays required from the time V CC is stable until the specified operation can be initiated. These parameters are periodically sampled and not 100% tested. (5) Cb = total capacitance of one bus line in pF (6) tAA = 1.1s Max below VCC = 2.5V. 10 X24321 Bus Timing tF SCL tSU:STA SDA IN tAA SDA OUT 7040 FM 14 t HIGH t LOW tR t HD:STA tHD:DAT t SU:DAT t SU:STO t DH t BUF Program Cycle Limits Symbol TWR(8) Parameter Program Cycle Time Min. Typ.(7) 5 Max. 10 Units ms 7040 FRM T11 Notes: (7) Typical values are for TA = 25C and nominal supply voltage (5V). (8) tWR is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. It is the maximum time the device requires to automatically complete the nonvolatile write operation. The program cycle time is the time from a valid stop condition of a program sequence to the end of the internal erase/program cycle. During the program cycle, the X24321 bus interface circuits are disabled, SDA is allowed to remain HIGH, and the device does not respond to its slave address. Bus Timing SCL SDA 8th BIT WORD n ACK t WR STOP CONDITION START CONDITION 7040 FM 15 Guidelines for Calculating Typical Values of Bus Pull-Up Resistors 120 RESISTANCE (K) 100 80 60 40 20 0 0 20 40 60 80 100 120 7040 FM 16 SYMBOL TABLE WAVEFORM INPUTS Must be steady May change from Low to High May change from High to Low Don't Care: Changes Allowed N/A OUTPUTS Will be steady Will change from Low to High Will change from High to Low Changing: State Not Known Center Line is High Impedance V RMIN = CC MAX =1.8K IOL MIN t RMAX = R CBUS MAX. RESISTANCE MIN. RESISTANCE BUS CAPACITANCE (pF) 7040 FM 17 11 X24321 PACKAGING INFORMATION 8-LEAD PLASTIC SMALL OUTLINE GULL WING PACKAGE TYPE S 0.150 (3.80) 0.158 (4.00) PIN 1 INDEX 0.228 (5.80) 0.244 (6.20) PIN 1 0.014 (0.35) 0.019 (0.49) 0.188 (4.78) 0.197 (5.00) (4X) 7 0.053 (1.35) 0.069 (1.75) 0.050 (1.27) 0.004 (0.19) 0.010 (0.25) 0.010 (0.25) 0.020 (0.50) X 45 0.050" TYPICAL 0 - 8 0.0075 (0.19) 0.010 (0.25) 0.016 (0.410) 0.037 (0.937) 0.250" 0.050" TYPICAL FOOTPRINT 0.030" TYPICAL 8 PLACES NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS) 7040 FM 19 12 X24321 ORDERING INFORMATION X24321 Device X X -X V CC Range Blank = 5V 10% 2.5 = 2.5V to 5.5V 1.8 = 1.8V to 3.6V Temperature Range Blank = 0C to +70C I = -40C to +85C Package X24321 S8= 8-Lead SOIC Part Mark Convention X24321 X X Blank = 4.5V to 5.5V, 0C to +70C I = 4.5V to 5.5V, -40C to +85C AE = 2.5V to 5.5V, 0C to +70C AF = 2.5V to 5.5V, -40C to +85C AG = 1.8V to 3.6V, 0C to +70C AH = 1.8V to 3.6V, -40C to +85C LIMITED WARRANTY Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Xicor, Inc. makes no warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production and change specifications and prices at any time and without notice. Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, licenses are implied. U.S. PATENTS Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481; 4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829, 482; 4,874, 967; 4,883, 976. Foreign patents and additional patents pending. LIFE RELATED POLICY In situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error detection and correction, redundancy and back-up features to prevent such an occurence. Xicor's products are not authorized for use in critical components in life support devices or systems. 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. Blank = 8-Lead SOIC 13 |
Price & Availability of X24321 |